Part Number Hot Search : 
ACST4108 25PFM 33500 RL251 MEH11XAG XA2PG AD71102 3VS1U
Product Description
Full Text Search
 

To Download 13PD100-ST Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 High Performance InGaAs p-i-n Photodiode
`ST' Active Device Mount
13PD100-ST
The 13PD100-ST, an InGaAs photodiode with a 100m-diameter photosensitive region packaged in a TO-46 header and aligned in an AT&T ST active device mount, is the largest standard device enabling a 1 GHz Frequency cutoff. Planar semiconductor design and dielectric passivation provide superior low noise performance. Reliability is assured by hermetic sealing and a 100% purge burn-in ( 200oC, 15 hours, Vr = 20V ). The ST receptacle is suitable for bulkhead and PC board mounting.
Features
Planar Structure Dielectric Passivation 100% Purge Burn-In High Responsivity
Device Characteristics:
Parameters Test Conditions
-5V -5V 1300nm (-3dB) -
Min
0.5 1.15 0.65 -
Typ
2 1.9 0.8 1.0
Max
-20
Units
Volts nA pF
Operating Voltage Dark Current Capacitance Responsivity Rise/Fall Frequency Response Reverse Voltage Forward Current Reverse Current Operating Temperature Storage Temperature Soldering Temperature
0.5 -
A/W ns GHz
Absolute Maximum Ratings
30 Volts 5 mA 500 A o -40 C to + 85oC -40oC to + 85oC 250oC
829 Flynn Road, Camarillo, CA 93012
tel(805)445-4500
fax(805)445-4502


▲Up To Search▲   

 
Price & Availability of 13PD100-ST

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X